PART |
Description |
Maker |
1N2282 1N1185A 1N1612 1N3055 1N4510 1N3573R 1N1581 |
35 A, 300 V, SILICON, RECTIFIER DIODE, DO-5 40 A, 150 V, SILICON, RECTIFIER DIODE, DO-5 5 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 0.125 A, SILICON, SIGNAL DIODE 12 A, 1000 V, SILICON, RECTIFIER DIODE, DO-4 3.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-4 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-4 1 A, 400 V, SILICON, SIGNAL DIODE, DO-4 1 A, 200 V, SILICON, SIGNAL DIODE, DO-4 0.8 A, SILICON, SIGNAL DIODE 35 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 275 A, 150 V, SILICON, RECTIFIER DIODE, DO-9
|
|
2SK1228TMG MA3027-LH MA3027TSK MA3150-LTMG MA3360- |
100 mA, 50 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET 2.7 V, 0.2 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 0.1 A, SILICON, SIGNAL DIODE SILICON, PIN DIODE UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR 0.035 A, 2 ELEMENT, SILICON, SIGNAL DIODE
|
PANASONIC CORP
|
BA982 LL4148 LS4154 BAV21 LS4150 |
SILICON, VHF BAND, MIXER DIODE 0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-213AA 0.15 A, 35 V, SILICON, SIGNAL DIODE 0.25 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.3 A, 50 V, SILICON, SIGNAL DIODE
|
TEMIC SEMICONDUCTORS
|
1N914BT-10 1N914BT-87Y 1N914BT-12A 1N914BT-85 1N91 |
0.15 A, 100 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 250 V, SILICON, SIGNAL DIODE, DO-35 0.15 A, 75 V, SILICON, SIGNAL DIODE, DO-35 0.2 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-35 0.11 A, 40 V, SILICON, SIGNAL DIODE, DO-34 0.2 A, 200 V, SILICON, SIGNAL DIODE, DO-35 0.13 A, 90 V, SILICON, SIGNAL DIODE, DO-34 0.05 A, 40 V, SILICON, SIGNAL DIODE, DO-34
|
|
JAN1N3612 JANTX1N3957 |
DIODE 1 A, 400 V, SILICON, SIGNAL DIODE, DO-204AL, PLASTIC, EG1, 2 PIN, Signal Diode DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-204AL, Signal Diode
|
Vishay Semiconductors
|
UMA5817 UMA5818 UMA5819 MA5817 MVUMA5819 MQUMA5817 |
1 A, 40 V, SILICON, SIGNAL DIODE ULTRAMITTE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS 1 A, 30 V, SILICON, SIGNAL DIODE 1 A, 20 V, SILICON, SIGNAL DIODE
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation] MICROSEMI CORP-SCOTTSDALE
|
RL153G-F 1N4007GH05 1N4007GH03-2 1N4005GH08 |
1.5 A, 200 V, SILICON, RECTIFIER DIODE, DO-15 1 A, 1000 V, SILICON, SIGNAL DIODE, DO-41 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41
|
RECTRON LTD
|
BYM05-100 BYM05-600 BYM05-400 |
0.5 A, 100 V, SILICON, SIGNAL DIODE 0.5 A, 600 V, SILICON, SIGNAL DIODE 0.5 A, 400 V, SILICON, SIGNAL DIODE
|
Vishay Intertechnology, Inc. Vishay Beyschlag
|
RS0115B SPD0801SMS SPD0801SMSS SPD1001SMSS SPD0901 |
SCHOTTKY RECTIFIER 1 AMPS 80-100 VOLTS SCHOTTKY RECTIFER 1 A, 80 V, SILICON, SIGNAL DIODE 1 A, 100 V, SILICON, SIGNAL DIODE 1 A, 90 V, SILICON, SIGNAL DIODE
|
Solid States Devices, Inc SOLID STATE DEVICES INC
|
SF4001 |
DIODE 1 A, 50 V, SILICON, SIGNAL DIODE, HALOGEN FREE AND ROHS COMPLIANT, HERMETIC SEALED, GLASS PACKAGE-2, Signal Diode
|
Vishay Semiconductors
|
1N581707 1N5819-E3/54 1N5819-E3/73 1N5819-E3_54 1N |
DIODE 1 A, 40 V, SILICON, SIGNAL DIODE, DO-204AL, ROHS COMPLIANT, PLASTIC, DO-41, 2 PIN, Signal Diode Schottky Barrier Rectifiers
|
Vishay Semiconductors Vishay Siliconix
|
JAN1N6809UEG2 JAN1N6807UEG2 JANTX1N6810UEG2 |
DIODE 1 A, 800 V, SILICON, SIGNAL DIODE, DO-214BA, PLASTIC, DO-214BA, 2 PIN, Signal Diode DIODE 1 A, 400 V, SILICON, SIGNAL DIODE, DO-214BA, PLASTIC, DO-214BA, 2 PIN, Signal Diode DIODE 1 A, 1000 V, SILICON, SIGNAL DIODE, PLASTIC, DO-214BA, 2 PIN, Signal Diode
|
Vishay Semiconductors
|
|